PART |
Description |
Maker |
JS-183 |
Roller lever
|
Honeywell
|
SB-757B-1 SB-757A-2 SU-780J-1 SU-780D-1 SU-780D-2 |
AT Series Toggle Switch, 2 pole, 2 position, Solder T2 type terminal, Standard Lever Environmentally sealed limit switch with Leadwire termination, Roller Plunger actuation, Four Pole Double Throw Circuitry, 7 A (Resistive) ampere rating at 28 Vdc, Military Part Number MS27240-4 DC Tachometer Generators 直流测速发电机 RED NYLON MARKING PEN SCA-NMP- 直流测速发电机
|
Electronic Theatre Controls, Inc.
|
LT1767 LT1767-1.8 LT1767-2.5 LT1767-3.3 LT1767-5 L |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3 A SWITCHING REGULATOR, 1500 kHz SWITCHING FREQ-MAX, PDSO8 SWITCH ROLLER LEVER Monolithic 1.5A/ 1.25MHz Step-Down Switching Regulators Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
2203 2222 2210 2221 2208 2207 2202 2215 2219 2217 |
high Current Toroid Inductors 高电流环形电感器 General Purpose :22.9ozf; Operating Force Min:7.1ozf; Operating Position:0.625/0.657 in RoHS Compliant: Yes Snap Action Basic Switch; Contact Current Max:15A; Switch Terminals:Screw; Actuator Style:Roller Lever; Leaded Process Compatible:Yes; Operating Force:3.5ozf; Operating Force Max:3.5ozf; Operating Force Min:0.8ozf RoHS Compliant: Yes Compact SPDT on/on, black/black
|
List of Unclassifed Man... Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] Gilway Technical Lamp N/A JW Miller
|
RN5VS RN5VS09CA RN5VS09CC RN5VS09CA-TR RN5VS09CC-T |
3.3V, 5A 20W Isolated DC-DC Converter 6-DIP MODULE -40 to 85 1.5Vout 5A 48V-Input Isolated DC-DC Converter 6-DIP MODULE -40 to 85 High Speed CMOS Logic Quad D-Type Flip-Flops with 3-State Outputs 16-SO -55 to 125 12V, 1.6A 20W Isolated DC-DC Converter 6-DIP MODULE -40 to 85 5V 10W 24V-Input Isolated DC/DC Converter 10-SIP MODULE -40 to 85 5V. 4A 20 W Isolated DC-DC Converter 6-DIP MODULE -40 to 85 2.5V, 5A 20W Isolated DC-DC Converter 6-DIP MODULE -40 to 85 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Solder Termination, CE, CSA, DEMKO, BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 125 Vac, Roller Lever Actuator, 1,95 N [7.0 oz], Maximum Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO, UL Conductive Plastic Potentiometer; Series:SP22D; Resistance Tolerance: /- 15%; Power Rating:1W; Operating Temperature Range:-55 C to 105 C; Resistor Element Material:Conductive Plastic; Adjustment Type:Knob; No. of Turns:1 RoHS Compliant: Yes BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 125 Vac, Roller Lever Actuator, 1,39 N [5 oz], Silver Contacts, Maximum Operating Force, Screw Termination, CE, CSA, DEMKO, UL 16-bit Ultra-Low-Power MCU, 55kB Flash, 5120B RAM, 12-Bit ADC, Dual DAC, 2 USART, I2C, HW Mult, DMA 64-VQFN 低电压检 16-bit Ultra-Low-Power MCU, 32kB Flash, 1024B RAM, 12-Bit ADC, Dual DAC, 2 USART, I2C, HW Mult, DMA 64-VQFN 低电压检 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 115 Vac, Overtravel Plunger Actuator, Solder Termination, Silver Contacts, Military Part Number M8805/1-019 低电压检 High Speed CMOS Logic Quad D-Type Flip-Flops with 3-State Outputs 16-SOIC -55 to 125 低电压检 LOW VOLTAGE DETECTOR 低电压检 5.0Vout 20W 48V-Input Isolated DC-DC Converter 6-DIP MODULE -40 to 85 低电压检 1.5Vout 5Amp 24V-Input Isolated DC-DC Converter 6-DIP MODULE -40 to 85 LOW VOLTAGE DETECTOR
|
Ricoh Co., Ltd. RICOH electronics devices division RICOH electronics devic...
|
E33-50K E23-90N |
SWITCH ROLLER SPDT 10A QC TERM SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 6A, 30VDC, 5.34mm, PANEL MOUNT SWITCH ROLLER SPDT 5A QC TERM SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 5.34mm, PANEL MOUNT
|
ZF Electronics, Corp.
|
1478609-3 1478670-3 1478670-2 1478668-2 1478668-3 |
Miniature Short Lever
|
Tyco Electronics
|
SL-RS31-5 SL-RS31-6 SL-RS31-7 SL-RS31-L SL-RS41 SL |
SHIMANO Revo-Shift Lever
|
List of Unclassifed Manufacturers
|
SLLB220900 |
Lever and Push Operation Type Switch
|
ALPS ELECTRIC CO.,LTD.
|
SLLB |
Lever and Push Operation Type Switch
|
ALPS ELECTRIC
|
SLLB5 |
Lever and Push Operation Type Switch
|
ALPS ELECTRIC
|
ATLE2E-6M4-Z ATLE2D-2M4-Z ATLE2D-5M4-Z ATLE2E-2M4- |
Subminiature Toggle Switch With Locking Lever
|
Copal Electronics
|
|